Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16B-10-C2-R0

  • AI
    ### ATS-16B-10-C2-R0 Technical Overview The **ATS-16B-10-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" attachment series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and ASICs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Series** | blueICE™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Thermal Resistance** | 7.89°C/W (@ 100 LFM) | | **Dimensions** | 45mm x 45mm x 25mm | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Design and Construction #### **Fin Profile** The unit features a **straight-fin design**. This is ideal for systems where there is a clear, directional airflow (unidirectional), allowing the air to pass through the channels with minimal resistance while maximizing surface area for heat dissipation. #### **Attachment Mechanism (Push-Pin)** The "R0" designation refers to the specific hardware kit. It uses a brass push-pin with a stainless steel spring. * **Benefits:** Provides consistent pressure on the component to improve thermal transfer. * **Reliability:** More secure than adhesive tapes, especially in high-vibration environments. #### **Thermal Interface Material (TIM)** It comes pre-applied with **T766**, a high-performance phase-change material. This eliminates the need for manual thermal paste application, ensuring a uniform layer that fills microscopic air gaps between the heat sink and the chip. --- ### 3. Thermal Performance (Flow Rate vs. Resistance) Thermal resistance decreases as the airflow (measured in Linear Feet per Minute - LFM) increases: | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | | :--- | :--- | :--- | | 100 | 0.5 | 7.89 | | 300 | 1.5 | 3.25 | | 500 | 2.5 | 2.29 | | 700 | 3.5 | 1.84 | --- ### 4. Application Considerations * **Footprint:** Ensure the PCB has the required hole pattern to accommodate the push-pins. * **Height Clearance:** With a height of 25mm, this is considered a mid-profile heat sink. * **Environment:** The blue anodized finish provides corrosion resistance, making it suitable for industrial environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific hole dimensions required on the PCB for the R0 push-pin?
    • ⤷ How does the T766 TIM compare to standard thermal grease in long-term stability?
    • ⤷ Is there a cross-cut fin version of this heat sink for multi-directional airflow?