ATS-16B-101-C3-R0
AI

The **ATS-16B-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Mounting Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.77°C/W (Unducted Flow) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Airflow Pattern** | Straight Fin |
| **Attachment Method** | Plastic Push Pins & Brass Springs |
---
### 2. Breakdown of the Part Number
The part number follows the standard ATS naming convention, which describes the physical build:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **16**: Refers to the specific series or size profile.
* **B**: Internal revision or material classification.
* **101**: Model specific design code (determines fin density and shape).
* **C3**: Indicates the **Blue Anodized** finish.
* **R0**: Standard packaging and RoHS compliance status.
---
### 3. Key Electronic/Mechanical Features
#### A. pushPIN™ Attachment System
Unlike traditional adhesive tapes or simple clips, this unit uses the **pushPIN™** system. This involves a pre-drilled PCB hole where a plastic pin and a compression spring are inserted.
* **Benefit:** Ensures consistent pressure across the thermal interface material (TIM), preventing "hot spots."
#### B. Straight Fin Design
The heat sink features vertical fins that are optimized for **forced-air cooling**. It is most effective when positioned in the direct path of a system fan.
#### C. Thermal Interface Material (TIM)
The "R0" variant typically comes with a pre-applied high-performance thermal interface (usually T766 or similar). This eliminates the need for manual application of thermal paste during assembly.
---
### 4. Typical Applications
* **Networking Equipment:** Routers, switches, and firewalls.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Power supplies and DC-DC converters that generate significant heat in a small footprint.
- ⤷
What are the advantages of blue anodizing over other heat sink finishes?
- ⤷ How does 'thermal resistance' affect the cooling performance of this part?
- ⤷ What is the recommended hole diameter for the pushPIN mounting system?