ATS-16B-124-C2-R0
AI

The **ATS-16B-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Product Series** | pushPIN™ |
| **Heat Sink Type** | Fine Pitch (XC Cut) |
| **Thermal Resistance** | 3.20°C/W (at 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions** | 50mm x 50mm x 25mm |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal properties of the unit:
1. **ATS-16**: Refers to the specific series and family within the pushPIN™ lineup.
2. **B**: Indicates the revision or specific mechanical design version.
3. **124**: A code representing the base dimensions and fin configuration.
4. **C2**: Indicates the material and finish (typically aluminum with a specific thermal interface material).
5. **R0**: Represents the RoHS compliance status and packaging revision.
---
### 3. Key Features
* **pushPIN™ Attachment:** This system uses a flexible, spring-loaded mechanism that ensures a secure, high-pressure fit against the electronic component for maximum heat transfer.
* **XC Cut Fin Design:** Features a "Cross-Cut" or fine-pitch fin pattern. This increases the surface area significantly, allowing for better heat dissipation in forced-air (fan-cooled) environments.
* **Pre-Applied Thermal Interface Material (TIM):** Most "C2" variants come with a high-performance thermal pad or grease already applied to the base, simplifying the assembly process.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves radiative heat transfer.
---
### 4. Application and Use Case
This part is typically used in industrial or computing applications where a standard passive heat sink is insufficient.
```markdown
Usage Scenario:
- Power Supplies (PSUs)
- Telecommunications hardware
- High-density server components
- LED lighting thermal management
```
- ⤷
What is the significance of the 3.20°C/W thermal resistance rating in a real-world circuit?
- ⤷ Are there different push-pin sizes available for this specific ATS model?
- ⤷ How does the 'XC Cut' fin design compare to a standard straight fin design?