Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16B-170-C2-R0

  • AI
    The **ATS-16B-170-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### Technical Specifications The following table summarizes the physical and thermal characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm | | **Fin Style** | Straight Fin (Cros-cut for airflow efficiency) | | **Thermal Resistance** | 10.07°C/W (at 200 LFM) | | **Thermal Interface (TIM)** | T766 (Pre-applied) | --- ### Key Electronic & Mechanical Components #### 1. Heat Sink Body (The Fin Array) The "170" in the part number refers to a specific fin configuration. This part uses a **Straight Fin** design which is optimized for "forced air" environments (where a fan is present). The blue anodized finish is not just for aesthetics; it increases surface emissivity and protects the aluminum from corrosion. #### 2. Attachment System (Push-Pins & Springs) Instead of using messy adhesives or thermal tape, this part uses a mechanical **Push-Pin** system. * **The Pins:** These insert into pre-drilled holes in the Printed Circuit Board (PCB). * **The Springs:** Provide constant "compressive force" to ensure the heat sink remains in tight contact with the electronic chip, even during vibration or thermal expansion. #### 3. Thermal Interface Material (TIM) The base of the ATS-16B-170-C2-R0 comes with **T766** thermal grease or a phase-change pad pre-applied. In electronics, this is critical because it fills microscopic air gaps between the chip surface and the heat sink base, significantly improving heat transfer. --- ### Part Number Breakdown The nomenclature follows a specific logic: | Code | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **16B** | Series/Product Family | | **170** | Fin Height/Specific Geometry | | **C2** | Thermal Interface Material type | | **R0** | Revision code / RoHS Compliance status | --- ### Application Usage This part is commonly found in: * **Networking Equipment:** Routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Power Supplies:** Cooling MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for the push-pins on this model?
    • ⤷ How does 'Blue Anodized' finishing affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used in passive cooling (no fan) environments?