ATS-16B-184-C2-R0
AI

The **ATS-16B-184-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 4.14°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
---
### 2. Design and Construction
The design focuses on maximizing surface area while maintaining a low profile for compact electronic assemblies.
* **Heat Sink Type:** High-efficiency "Cross-Cut" or "Straight-Fin" design (typically part of the pushPIN™ line).
* **Thermal Interface Material (TIM):** This specific model comes pre-applied with **T766**, a high-performance phase-change material that ensures minimal air gaps between the component and the heat sink.
* **Push-Pin Mechanism:** Uses a spring-loaded pin system. This provides a consistent pressure (Force) on the chip, which is critical for maintaining thermal contact without cracking the silicon die.
---
### 3. Thermal Performance Comparison
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 4.14 |
| 300 | 1.5 | 2.26 |
| 500 | 2.5 | 1.83 |
| 700 | 3.5 | 1.61 |
---
### 4. Key Applications
This part is commonly found in industrial and consumer electronics where space is limited but heat dissipation is critical:
* **Networking:** Switches and routers.
* **Processors:** CPUs, GPUs, and FPGAs.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
---
### 5. Implementation Example
To calculate the junction temperature ($T_j$) using this heat sink:
```python
# Simple Heat Dissipation Calculation
# Tj = Ta + (Pd * (R_sink + R_interface))
ambient_temp = 35 # Celsius
power_dissipation = 10 # Watts
thermal_resistance = 1.83 # at 500 LFM
junction_temp = ambient_temp + (power_dissipation * thermal_resistance)
print(f"Expected Junction Temperature: {junction_temp}°C")
```
- ⤷
What are the mechanical advantages of push-pin mounting over adhesive tapes?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ Can this heat sink be customized for different pin lengths or spring tensions?