ATS-16B-192-C2-R0
AI

The **ATS-16B-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 2.35°C/W (at 100 LFM) |
| **Hardware** | Brass Push-Pin (plastic pins also available) |
---
### 2. Physical Design & Construction
The "C2" and "R0" suffixes in the part number provide specific details regarding the physical build:
* **Heat Sink Profile:** It features a **Straight Fin** design. This is optimized for longitudinal airflow within a chassis.
* **Material (AL 6063):** Constructed from high-quality aluminum for a balance between weight, thermal conductivity, and cost-efficiency.
* **The blue Anodized Finish:** This is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiation heat transfer.
---
### 3. Attachment Mechanism: pushPIN™
The **ATS-16B-192-C2-R0** uses a specialized mounting system that includes:
1. **Compression Springs:** These provide precise, even pressure across the thermal interface material (TIM) to maximize heat transfer.
2. **Push-Pins:** These allow for quick, tool-less installation into pre-drilled holes on the PCB.
3. **Flexibility:** The system is designed to accommodate different PCB thicknesses while maintaining consistent downward force.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
|:---|:---|:---|
| 100 | 0.5 | 2.35 |
| 300 | 1.5 | 1.35 |
| 500 | 2.5 | 1.13 |
| 700 | 3.5 | 1.01 |
---
### 5. Application Use Cases
* **Embedded Systems:** Cooling processors in industrial or network hardware.
* **Power Supplies:** Managing heat from high-output power semiconductors.
* **Telecommunications:** Used in routers and switches where reliability under continuous load is critical.
- ⤷What is the hole pattern required for the push-pin installation of this heat sink?
- ⤷ How does the blue anodized finish compare to a gold or black finish in terms of thermal performance?
- ⤷ Are there recommended Thermal Interface Materials (TIM) to use with the ATS-16B-192-C2-R0?