ATS-16B-20-C2-R0
AI

The **ATS-16B-20-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" product line, designed for cooling electronic components such as BGA (Ball Grid Array) packages, FPGAs, and processors.
---
## Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Thermal Resistance** | 7.14°C/W (at 200 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Material Flammability** | UL 94V-0 |
---
## Core Electronic & Design Features
### 1. Thermal Management Strategy
This part is designed for **forced air convection**. The "maxiFLOW" design features a graduated fin pattern that maximizes surface area while minimizing pressure drop. This allows air to flow more efficiently through the fins, pulling heat away from the semiconductor junction.
### 2. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the `-R0` suffix indicates the use of the **pushPIN™** mounting system.
* **Precision:** It uses a brass or plastic pin with a high-tension spring.
* **Reliability:** It ensures constant, uniform pressure on the electronic component, which optimizes the thermal interface material (TIM) performance.
* **Hardware:** It typically requires pre-drilled holes in the PCB (Printed Circuit Board).
### 3. Thermal Interface Material (TIM)
The **-C2** designation in the part number indicates the type of thermal interface provided:
* **T766 Phase Change Material:** This is a high-performance coating pre-applied to the base of the heat sink.
* **Function:** When the electronic part heats up, the material changes phase to fill microscopic gaps between the chip and the heat sink, significantly reducing thermal impedance.
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **16B** | Series/Internal Design Code |
| **20** | Height (20 corresponds to a specific fin profile/height) |
| **C2** | Thermal Interface Material (T766) |
| **R0** | Revision or Packaging code |
---
## Applications
* **Telecommunications:** Cooling high-speed network switches.
* **Computing:** Heat dissipation for localized VRMs (Voltage Regulator Modules).
* **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
- ⤷
What are the specific PCB hole patterns required for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher airflows like 500 LFM?
- ⤷ Is there a version of this heat sink that uses thermal tape instead of push pins?