ATS-16B-202-C2-R0
AI

## Technical Overview: ATS-16B-202-C2-R0
The **ATS-16B-202-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** Heat Sink Assembly series, designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 14.83 °C/W (Unducted) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Pattern/Style** | Straight Fin |
---
### 2. Physical Design Features
* **Heat Sink Material:** Constructed from high-quality **Aluminum 6063**, which offers an excellent balance between thermal conductivity and weight.
* **Straight Fin Design:** This specific model uses a straight fin geometry. This is ideal for applications where there is a clear, directional airflow, as it minimizes pressure drop across the sink.
* **Surface Treatment:** The **Blue Anodized** finish not only provides a professional aesthetic but also increases the surface emissivity, slightly improving radiation heat transfer and providing corrosion resistance.
---
### 3. Mounting System (pushPIN™)
The "R0" designation typically refers to the mounting kit included. The pushPIN™ system is designed to replace traditional adhesive tapes or clunky wire clips.
* **Push Pin:** A spring-loaded mechanism that provides consistent pressure to ensure a high-quality interface between the heat sink and the component.
* **Compression Spring:** Ensures the thermal interface material (TIM) is evenly distributed to eliminate air gaps.
* **Hole Pattern:** This model requires a specific PCB hole pattern (usually 38.00mm pitch for this size) to secure the assembly.
---
### 4. Thermal Performance
The efficiency of this part is measured by its thermal resistance at various airflow speeds (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.83 |
| 300 (1.5 m/s) | 8.29 |
| 500 (2.5 m/s) | 6.42 |
| 700 (3.5 m/s) | 5.44 |
---
### 5. Application Use Cases
* **Embedded Systems:** Cooling of localized "hot spots" on motherboards.
* **Telecommunications:** Cooling of high-speed networking chips.
* **Industrial PC:** Heat dissipation in environments with controlled airflow.
- ⤷
What are the specific hole dimensions required on the PCB for the ATS-16B-202-C2-R0?
- ⤷ Which thermal interface material (TIM) is pre-applied to this heat sink model?
- ⤷ How does the 'C2' designation in the part number affect the material or finish?