ATS-16B-210-C2-R0
AI

### Overview of ATS-16B-210-C2-R0
The **ATS-16B-210-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is specifically designed for component cooling in electronic assemblies where space is limited but high thermal performance is required.
---
### Technical Specifications
The following table details the mechanical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ / blueICE™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pegs / Springs) |
| **Thermal Resistance** | 5.18°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 12.00mm |
| **Weight** | ~45 grams |
---
### Key Features
1. **Low Profile Design**: With a height of only 12mm, this heat sink is ideal for dense PCB layouts or low-profile chassis.
2. **Straight Fin Geometry**: The fins are aligned to allow linear airflow, making it highly efficient in forced-air cooling environments.
3. **pushPIN™ Attachment**:
* Uses a spring-loaded mechanism to ensure consistent pressure.
* Provides better thermal interface material (TIM) contact compared to adhesive tapes.
4. **Pre-applied TIM**: Typically comes with a high-performance thermal interface material (phase-change or grease) pre-applied to the base for easy installation.
---
### Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.18 |
| 200 (1.0 m/s) | 3.62 |
| 400 (2.0 m/s) | 2.51 |
| 600 (3.0 m/s) | 1.98 |
---
### Application Usage
This part is commonly used to cool:
* **CPUs/GPUs** in embedded systems.
* **ASICs and FPGAs** in networking equipment.
* **Power modules** that generate localized heat on a motherboard.
- ⤷
What are the specific hole patterns required on the PCB for the pushPIN attachment?
- ⤷ Does this model come with a specific type of thermal interface material (TIM) pre-applied?
- ⤷ Are there alternative fin designs for this footprint if I have omni-directional airflow?