ATS-16B-25-C2-R0
AI

The **ATS-16B-25-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Square Fin (XC-Cut) |
| **Dimensions (LxWxH)** | 60mm x 60mm x 25mm |
| **Hole Pattern** | 53mm x 53mm |
| **Thermal Resistance** | 6.26 °C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16**: Series identifier.
* **B**: Aluminum material.
* **25**: Height of the heat sink (25mm).
* **C2**: Thermal performance/material specification.
* **R0**: RoHS compliant revision.
---
### 3. Key Electronic Functions & Features
#### A. Thermal Dissipation
The primary electronic role of this part is to increase the surface area of a heat-generating component. By conducting heat from the semiconductor junction to the aluminum fins, it prevents "thermal throttling" or catastrophic failure of electronic circuits.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system.
* **Precision:** Ensures consistent pressure (clamping force) between the heat sink and the electronic chip.
* **Reliability:** It is less prone to loosening over time due to heat cycles compared to thermal tapes.
#### C. XC-Cut (Cross-Cut) Fin Design
The fins are designed in a "square" or "cross-cut" pattern. This is crucial for electronic enclosures with low airflow or multidirectional airflow, as it allows air to pass through from various angles, unlike straight-fin heat sinks.
---
### 4. Application Summary
This part is commonly found in:
* **Telecommunications:** Cooling of high-speed networking processors.
* **Industrial PCs:** Thermal management for embedded systems.
* **Power Electronics:** Dissipating heat from large voltage regulators or MOSFET arrays.
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I calculate the required Thermal Resistance (°C/W) for my specific electronic component?
- ⤷ What are the advantages of using pushPIN™ over thermal adhesive?