ATS-16B-27-C2-R0
AI

## Technical Overview of ATS-16B-27-C2-R0
The **ATS-16B-27-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed for efficient heat dissipation in printed circuit board (PCB) assemblies.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance (Unducted)** | 12.24 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.49 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 12.70mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Component Composition
#### A. The Heat Sink Body
* **Material:** The unit is crafted from 6063 aluminum, chosen for its excellent thermal conductivity and lightweight properties.
* **Fin Style:** It utilizes a straight-fin design, which is ideal for systems with clear, unidirectional airflow.
* **Surface Treatment:** It features a **Blue Anodized** finish. This is not just aesthetic; anodizing improves emissivity and protects the aluminum from corrosion and electrical shorting risk.
#### B. The pushPIN™ Attachment Mechanism
The "R0" at the end of the part number signifies the specific attachment kit. This mechanism replaces traditional adhesive tapes or clips:
* **Spring-Loaded:** Provides a precise and consistent pressure (preload) against the heat source (e.g., a CPU, FPGA, or GPU).
* **Ease of Install:** Uses a "push-pin" that snaps into pre-drilled holes in the PCB, ensuring the heat sink stays secure even during vibration or shock.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific part number usually comes with a pre-applied high-performance thermal interface material. This ensures there are no air gaps between the component and the heat sink, maximizing heat transfer.
---
### 3. Thermal Performance Analysis
Thermal performance varies significantly based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) |
| :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 12.24 | 3.22 | 1.88 |
| **Ducted Flow (°C/W)** | 2.49 | 1.43 | 1.13 |
---
### 4. Typical Applications
* **Computing:** Cooling of high-speed processors or chipsets.
* **Networking:** Heat dissipation for switches and routers.
* **Power Electronics:** Cooling for MOSFETs or power modules in industrial power supplies.
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Can the push-pin size be customized for different PCB thicknesses?
- ⤷ How does the blue anodized finish affect the thermal emissivity of the heat sink?