ATS-16B-33-C2-R0
AI

The **ATS-16B-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "pushPIN™" family of thermal solutions.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35.00mm x 35.00mm |
| **Height (Fin)** | 20.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 17.42°C/W (Unducted) |
| **Airflow Pattern** | Straight Fin |
---
### 2. Part Number Breakdown
The nomenclature used in the part number provides specific details about its design:
* **ATS**: Manufacturer prefix.
* **16B**: Series/Batch identification.
* **33**: Specific dimensions or profile code.
* **C2**: Refers to the thermal interface material (TIM) or specific kit version (usually T766 or similar pre-applied phase change material).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic/Mechanical Features
* **pushPIN™ Attachment:** This system features a flexible attachment mechanism that eliminates the need for messy adhesives or screws that might damage delicate PCBs. It uses plastic or brass pins and a compression spring for consistent pressure.
* **High Performance Fins:** The straight fin design is optimized for high-density electronic cooling where airflow is predictable.
* **Pre-applied TIM:** Usually comes with a high-performance Thermal Interface Material (TIM) already applied to the base to ensure optimal heat transfer from the electronic component (CPU, GPU, or ASIC).
* **Material Selection:** Made from 6063 aluminum, which offers a good balance between thermal conductivity, weight, and corrosion resistance.
---
### 4. Applications
This part is typically used to cool small to medium-sized surface-mount electronic components, including:
1. **Network Switches & Routers:** Cooling internal processors.
2. **FPGA/ASIC:** Managing heat in programmable logic devices.
3. **Industrial Controls:** Cooling power MOSFETs or high-speed controllers.
4. **Embedded Systems:** For compact thermal management where space is limited.
- ⤷
What are the differences between straight fin and cross-cut fin designs in heat sinks?
- ⤷ How do I determine the correct pushPIN size for my PCB thickness?
- ⤷ What is the specific thermal conductivity of the AL6063 aluminum used in this part?