ATS-16B-34-C2-R0
AI

## Technical Overview: ATS-16B-34-C2-R0
The **ATS-16B-34-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components, typically integrated circuits (ICs) and Ball Grid Arrays (BGAs).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | cross-cut (Omni-Directional) |
| **Attachment Method** | Push-Pin (Brass) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 6.73°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Fin Style** | High-performance pin-fin |
---
### 2. Electronic/Mechanical Components
The assembly consists of three primary electronic-mechanical parts:
1. **Heat Sink Body:**
* **Material:** Extruded Aluminum. The blue anodized finish is not just for aesthetics; it increases surface emissivity to improve heat radiation and protects the metal from oxidation.
* **Design:** The "cross-cut" or pin-fin design allows for multi-directional airflow, making it ideal for electronic enclosures where air direction might be unpredictable.
2. **Push-Pin Attachment System:**
* **Brass Pins:** These are used to secure the heat sink to the PCB. Brass provides high durability and resistance to thermal expansion cycles.
* **Stainless Steel Springs:** Provide precise downward pressure (compression) to ensure maximum contact between the heat sink base and the electronic component (CPU/GPU/SoC).
3. **Thermal Interface Material (TIM):**
* **Pre-Applied Film:** This model usually comes with **T766** phase-change material or similar thermal tape. This fills microscopic air gaps between the component and the heat sink to facilitate efficient heat transfer.
---
### 3. Application Performance
The effectiveness of this part is measured by its **Thermal Resistance**. The lower the °C/W value, the better the cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 6.73 |
| 400 (2.0 m/s) | 3.62 |
| 600 (3.0 m/s) | 2.53 |
---
### 4. Summary of Use
This part is specifically engineered for high-density electronic assemblies where space is limited but heat dissipation is critical. It is commonly found in:
* Networking hardware (switches/routers).
* Industrial automation controllers.
* Power supply modules.
- ⤷
What is the hole pattern requirement on the PCB for this specific push-pin model?
- ⤷ Can this heat sink be used with a different thermal interface material if the pre-applied one is removed?
- ⤷ How does the 'C2' designation in the part number affect the anodization or material properties?