Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16B-37-C2-R0

  • AI
    The **ATS-16B-37-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance family of heat sinks designed for cooling electronic components such as CPUs, GPUs, or power modules. --- ## 1. Technical Specifications This part is a **push-pin heat sink** designed for efficient thermal management. Below are the core technical specifications: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Thermal Resistance** | 9.12°C/W (Unducted Flow @ 100 LFM) | | **Dimensions** | 36.83mm x 36.83mm | | **Height** | 22.86mm | | **Weight** | ~48.0 grams | --- ## 2. Key Components & Design Features The "electronic parts" of this assembly aren't active circuitry, but rather mechanical-thermal components engineered to protect sensitive electronics: ### A. Fin Profile (Straight Fin) The unit uses a straight-fin design. This is optimized for systems where there is a consistent, directional airflow. The spacing between the fins is calculated to minimize pressure drop while maximizing surface area for heat dissipation. ### B. The Push-Pin Mechanism Unlike adhesive-based heat sinks, this uses a mechanical attachment: * **Springs:** Provides consistent downward pressure to ensure the thermal interface material (TIM) makes perfect contact with the chip. * **Brass Pins:** Durable connectors that snap into pre-drilled holes on the PCB. ### C. Thermal Interface Material (TIM) The "R0" at the end of the part number typically indicates the pre-applied thermal material. * **ATS-16B-37-C2-R0** usually comes with a high-performance thermal pad or grease pre-applied to the base, ensuring there are no air gaps between the component and the sink. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying its specific physical traits: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **16B** | Series / Attachment Type (Push-Pin style) | | **37** | Physical Size (Nominal 37mm width/length) | | **C2** | Thermal performance/Fin configuration code | | **R0** | Revision or specific TIM/Finish code | --- ## 4. Application Use Case This part is primarily used in: 1. **Telecommunications:** Cooling ASICs in routers and switches. 2. **Embedded Systems:** Industrial PCs where high vibrations might occur (the push-pins prevent the sink from falling off). 3. **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What is the compatible PCB hole pattern for the ATS-16B-37-C2-R0?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a custom fan attachment?