ATS-16B-38-C2-R0
AI

The **ATS-16B-38-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-16B-38-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.42°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 36.83mm x 41.28mm x 22.86mm |
| **Flow Pattern** | Straight Fin |
| **Interface Material** | T766 (Thermal Phase Change Material) |
---
### Component Breakdown
#### 1. Heat Sink Design (maxiFLOW™)
The "maxiFLOW" design features a high-aspect-ratio fin structure that increases surface area while keeping the pressure drop low. This allows for maximum heat extraction in environments with steady airflow.
#### 2. Attachment System (pushPIN™)
The part uses a **pushPIN™** mechanism. This is a significant mechanical feature for electronic assemblies because:
* It ensures consistent pressure on the component (TIM compression).
* The pre-assembled springs and pins reduce installation time and prevent board damage.
* It provides a secure vibration-resistant mount.
#### 3. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** This is not just for aesthetics; anodizing increases the surface emissivity, which slightly improves heat dissipation through radiation and protects the aluminum from corrosion.
#### 4. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-performance thermal interface. This fills the microscopic air gaps between the component (heat source) and the heat sink base, ensuring efficient heat transfer.
---
### Thermal Performance Overview
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.42 |
| 200 (1.0 m/s) | 6.42 |
| 300 (1.5 m/s) | 5.31 |
| 400 (2.0 m/s) | 4.61 |
---
### Applications
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Cooling processors in compact enclosures.
* **Power Supplies:** Managing heat in MOSFETs and power modules.
- ⤷
What are the specific mounting hole dimensions required for this pushPIN assembly?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?