ATS-16B-46-C2-R0
AI

The **ATS-16B-46-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high cooling efficiency in environments with constrained airflow.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 24.89mm |
| **Thermal Resistance (Flowing)** | 11.57 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.10 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design & Components
The ATS-16B-46-C2-R0 is engineered with several critical electronic packaging features:
* **maxiFLOW™ Fin Geometry:** The fins are designed with a tapered shape to maximize surface area and increase turbulence. This effectively pulls more heat away from the component compared to standard straight-fin designs.
* **pushPIN™ Attachment:** This is a mechanical mounting system that utilizes a spring-loaded pin. It provides consistent pressure on the electronic component (like a BGA or CPU), ensuring optimal heat transfer and preventing damage during vibration or shipping.
* **T766 Thermal Interface Material:** The part comes with a pre-applied phase-change material. This fills the microscopic air gaps between the heatsink base and the electronic chip, significantly lowering thermal resistance.
---
### 3. Application Use Cases
This specific part is typically found in high-density electronic assemblies where thermal dissipation is critical:
1. **Telecommunications:** Cooling for ASICs and FPGAs in network switches.
2. **Embedded Systems:** High-power industrial controllers.
3. **Data Centers:** Low-profile server components that require precise airflow management.
---
- ⤷
What are the benefits of using a blue anodized finish on a heatsink?
- ⤷ How does the pushPIN mounting system compare to standard adhesive backing?
- ⤷ Is there a CAD model available for this specific ATS part number?