ATS-16B-48-C2-R0
AI

## Overview of ATS-16B-48-C2-R0
The **ATS-16B-48-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" attachment series, specifically designed for cooling electronic components such as processors, chipsets, or power modules in space-constrained environments.
---
### Technical Specifications
The following table details the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Thermal Resistance** | 7.52° C/W (@ 1.0 m/s airflow) |
| **Fin Style** | Straight Fin |
| **Orientation** | Vertical |
---
### Electronic and Mechanical Components
While a heat sink is a passive mechanical part, its effectiveness depends on several integrated electronic packaging elements:
#### 1. Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific TIM applied to the base.
- **Type:** T766 (or similar high-performance phase-change material).
- **Purpose:** To fill microscopic air gaps between the electronic component (CPU/GPU) and the heat sink base, ensuring maximum heat transfer efficiency.
#### 2. Attachment Mechanism (Push-Pins)
The "R0" designation refers to the mounting hardware.
- **Hardware:** Plastic or brass push-pins with compression springs.
- **Function:** Provides consistent downward pressure (clamping force) on the electronic package to ensure stable thermal contact even under vibration or thermal cycling.
#### 3. Fin Design
- The straight-fin architecture is optimized for **forced air cooling** (active cooling via fans).
- The aluminum AL6063 alloy is selected for its high thermal conductivity compared to standard structural aluminum.
---
### Application Usage
This part is commonly found in:
- **Networking Equipment:** Switches and routers.
- **Embedded Systems:** Single-board computers.
- **Power Electronics:** Voltage regulators and MOSFET cooling.
---
- ⤷
What is the difference between blue anodized and black anodized coatings for heat sinks?
- ⤷How do I calculate the required thermal resistance for my electronic component?
- ⤷Are there different spring tension options for the push-pin mounting system?