ATS-16B-53-C2-R0
AI

The **ATS-16B-53-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS)** push-pin style heat sink designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimension (Length/Width)** | 30.00 mm x 30.00 mm |
| **Height (Off Base)** | 30.00 mm |
| **Fin Style** | Straight (Cross-Cut for airflow optimization) |
| **Thermal Resistance** | ~8.50° C/W (at 100 LFM) |
---
### 2. Component Composition
Electronic parts like this heat sink are comprised of three main functional elements:
#### A. The Heat Sink Body
Constructed from **Aluminum (AL6063)**, chosen for its excellent thermal conductivity and light weight. The "Straight-Fin" design maximizes surface area to allow heat to dissipate into the surrounding air via convection.
#### B. The Attachment Mechanism (Push-Pin)
Instead of adhesive tapes, this model uses a **spring-loaded push-pin** system.
* **Benefits:** Provides consistent pressure (preload) for better thermal contact.
* **Serviceability:** Allows the heat sink to be removed and reinstalled without damaging the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a pre-applied **Thermal Interface Material**. This is a specialized pad or grease located on the bottom of the heat sink that fills microscopic air gaps between the component (CPU/GPU) and the heat sink.
---
### 3. Thermal Performance Analysis
The efficiency of the ATS-16B-53-C2-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.57 |
| 300 (1.5 m/s) | 3.32 |
| 500 (2.5 m/s) | 2.02 |
---
### 4. Common Applications
This part is typically used in industrial and consumer electronics where space is constrained but high heat dissipation is required:
* **Networking:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-speed chipsets.
- ⤷
What are the PCB hole requirements for mounting this push-pin heat sink?
- ⤷ Can the pre-applied thermal interface material be replaced with a different compound?
- ⤷ How does the 'Blue Anodized' finish affect thermal radiation compared to bare aluminum?