ATS-16B-66-C2-R0
AI

The **ATS-16B-66-C2-R0** is a specific part number for a **High-Performance Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" product line, designed primarily for cooling high-heat-generating electronic components like BGA (Ball Grid Array) processors.
---
### 1. Technical Specifications
Below are the physical and thermal characteristics of this specific component:
| Specification | Details |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Dimensions** | 45mm x 45mm x 35mm |
| **Thermal Resistance** | 5.77 °C/W (at 100 LFM) |
| **Fin Style** | Straight (maxiFLOW™ design) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16B**: Part series (typically refers to the mounting hole patterns/series).
* **66**: Refers to the specific fin pattern and height configuration.
* **C2**: Indicates the **Thermal Interface Material (TIM)**; C2 usually denotes **T766** (a high-performance thermal pad/grease).
* **R0**: Version or revision code.
---
### 3. Key Features
* **maxiFLOW™ Design:** Features a flared fin structure that increases surface area for maximum heat dissipation while maintaining low pressure drop.
* **pushPIN™ Attachment:** This system allows for secure mounting to the PCB (Printed Circuit Board). The pins are spring-loaded to ensure constant pressure on the chip for optimal heat transfer.
* **Blue Anodized Finish:** Provides extra surface protection and improved radiation heat transfer properties.
* **Pre-Applied TIM:** Comes with a thermal interface material already applied to the base, reducing assembly time and ensuring consistency.
---
### 4. Typical Applications
This component is used in electronic systems where space is limited but thermal loads are high:
1. **Telecommunications:** Network switches and routers.
2. **Computing:** Embedded systems and high-speed processors.
3. **Power Electronics:** Converters and high-output power modules.
- ⤷
What are the different types of pushPIN attachment options for this model?
- ⤷ How does the 'C2' thermal material compare to other ATS interface options?
- ⤷ What is the recommended airflow direction for maxiFLOW heat sinks?