ATS-16B-77-C2-R0
AI

The **ATS-16B-77-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of their "pushPIN™" heat sink assembly line, designed for cooling integrated circuits and electronic components.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16B-77-C2-R0 |
| **Material** | Aluminum (Body) / Copper (Interface) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 20mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 9.30°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Construction
The "77" series typically utilizes a **Straight Fin** design, which is optimized for airflow environments.
* **Heat Sink Material:** High-grade aluminum provides a balance between weight and thermal conductivity.
* **pushPIN™ Attachment:** This system features a flexible, tool-free installation mechanism. It ensures consistent pressure on the processor/chip, which maximizes heat transfer.
* **Blue Anodized Coating:** This is not just for aesthetics; anodizing increases surface emissivity and provides corrosion resistance.
---
### 3. Thermal Performance Metrics
Thermal performance varies based on the airflow (velocity) within the electronic enclosure:
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 9.30 | 5.11 | 4.00 | 3.44 | 3.08 |
---
### 4. Key Applications
This component is generally used in space-constrained electronic environments, such as:
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **BGA/FPGA Cooling:** Small form-factor chips requiring passive or active airflow cooling.
---
- ⤷
What is the hole pattern requirement for the pushPIN mounting system on this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there alternative fin designs available in the 25x25mm size for better airflow?