ATS-16B-95-C2-R0
AI

The **ATS-16B-95-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic devices like CPUs, GPUs, and power modules.
---
## Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 30.00mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
---
## Component Breakdown
### 1. Thermal Management
The "C2" in the part number indicates the material and finish (typically aluminum with a specific thermal conductivity rating). The heat sink uses a **Fine-Pitch fin design**, which maximizes surface area to facilitate better heat transfer to the surrounding air via convection.
### 2. Mounting System (pushPIN™)
This part utilizes a specific attachment mechanism:
* **Push-Pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Springs:** Provides a precise "compression force" to ensure the heat sink remains in firm contact with the electronic component for optimal thermal conductivity.
### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number indicates that the component comes with **pre-applied thermal interface material**. This eliminates the need for manual application of thermal paste, ensuring a consistent layer between the chip and the heat sink.
---
## Applications
This heat sink is commonly found in:
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and power supply modules where vertical space allows for a 30mm height.
- ⤷
What are the alternative mounting options if push-pins are not suitable for my PCB?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to a plain finish?
- ⤷ What is the recommended airflow direction for the straight fin design in this model?