ATS-16B-96-C2-R0
AI

The **ATS-16B-96-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management in electronic assemblies.
---
### ## Technical Specifications
Below are the primary mechanical and thermal properties of this specific part:
| Property | Value |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance (Flowing)** | 5.63 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 10.87 °C/W |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 35.00mm |
| **Pitch** | Fine Pitch |
---
### ## Key Electronic & Physical Features
1. **pushPIN™ Attachment:**
The part utilizes a specialized push-pin mechanism. This allows for quick, tool-free installation onto a Printed Circuit Board (PCB). The pins are spring-loaded to ensure consistent pressure (TIM compression) against the electronic component (CPU, FPGA, or GPU).
2. **Thermal Interface Material (TIM):**
The "C2" in the part number indicates that it comes pre-applied with **T766 phase-change material**. This is crucial for filling microscopic air gaps between the heat sink base and the electronic chip, significantly improving heat transfer efficiency.
3. **Fine Pitch Fin Design:**
The fin geometry is optimized for high-performance cooling. The straight-fin design is intended for systems with a directed airflow (active cooling via fans).
4. **Aluminum Construction:**
Made from 6063 aluminum, providing a balance between lightweight design and high thermal conductivity. The Blue Anodized finish adds corrosion resistance and increases surface emissivity.
---
### ## Application Use Cases
This component is typically found in:
* **Networking Hardware:** Switches and routers where high-speed processors generate significant heat.
* **Embedded Systems:** Industrial PCs or controllers.
* **Power Electronics:** Transistors or power modules requiring heat dissipation in constrained spaces.
- ⤷
What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be mounted using adhesive instead of push-pins?
- ⤷ How do I calculate if this thermal resistance is sufficient for my specific chip TDP?