ATS-16B-98-C2-R0
AI

The **ATS-16B-98-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueANODIZED** series and is designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
## Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16B-98-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Thermal Resistance (Flow)** | 1.53°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.53°C/W (Unducted) |
| **Weight** | ~40 grams |
---
## Detailed Component Analysis
### 1. Thermal Management Performance
The "C2" in the part number indicates the thermal performance level. This heat sink uses a **cross-cut fin pattern**, which allows for omnidirectional airflow. This is critical in cramped electronic enclosures where airflow might not be perfectly linear.
### 2. pushPIN™ Attachment System
The **-R0** suffix refers to the specific attachment hardware. The pushPIN™ system includes:
* **Flexible Springs:** Provides a precise amount of pressure (Pre-assembled).
* **Plastic/Brass Push Pins:** Designed to fit into specific hole patterns on the PCB (Printed Circuit Board).
* **Compression Springs:** Ensures consistent contact between the heat sink base and the electronic component to prevent air gaps.
### 3. Material and Finish
* **Aluminum:** Offers a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer increases the surface emissivity, allowing for better radiant heat transfer and providing corrosion resistance.
### 4. Thermal Interface Material (TIM)
Typically, ATS-16B-98-C2-R0 comes pre-applied with a **Thermal Interface Material** (usually a phase-change material or high-performance grease) on the bottom surface. This ensures that microscopic air gaps between the component die and the heat sink are filled, maximizing heat transfer.
---
## Application Use Cases
* **Telecommunications:** Cooling of high-speed networking chips.
* **Industrial PC (IPC):** Thermal regulation for embedded processors.
* **Power Supplies:** Managing heat for MOSFETs or integrated power modules.
- ⤷
What is the hole pattern requirement on the PCB for the pushPIN™ attachment?
- ⤷ How does the 'unducted' thermal resistance compare to 'ducted' flow for this part?
- ⤷ What are the compatible Thermal Interface Materials (TIM) for replacing the factory-applied one?