ATS-16D-01-C2-R0
AI

The **ATS-16D-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation on Printed Circuit Boards (PCBs).
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Fin Style** | Straight (Square) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 21.90 °C/W (Unducted @ 100 LFM) |
| **Spring Type** | ATS-PPS-04 (Brass/Steel) |
---
## 2. Key Electronic Features
### A. Thermal Interface Material (TIM)
The part comes pre-applied with **T766** thermal phase change material. This is critical for electronics because it fills microscopic air gaps between the component (CPU/GPU/FPGA) and the heat sink, ensuring maximum heat transfer.
### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this uses a mechanical push-pin system.
- **Reliability:** Prevents the heat sink from shifting during vibration or shipping.
- **Pressure:** Provides consistent downward force (preload) to optimize the thermal interface performance.
- **Ease of Assembly:** Features a flexible attachment mechanism that allows for quick installation on pre-drilled PCB holes.
### C. Low Profile Design
With a height of only **10.00mm**, this part is classified as "Low Profile." It is ideal for high-density electronic enclosures, such as 1U servers, telecommunications equipment, and compact embedded systems where vertical space is limited.
---
## 3. Performance Analysis
Thermal performance varies based on the airflow (Velocity) within the electronic system:
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 21.90 | 6.60 | 4.00 | 3.00 |
| **Ducted Flow (°C/W)** | 4.40 | 2.50 | 2.10 | 1.90 |
*Note: Lower °C/W values indicate better cooling efficiency.*
---
## 4. Typical Applications
This component is commonly used to cool:
1. **Network Switches:** Cooling ASICs and processors.
2. **Industrial PC (IPC):** Managing heat in fanless or low-airflow environments.
3. **Power Modules:** Dissipating heat from high-current voltage regulators.
- ⤷
What are the specific hole patterns required on the PCB for the ATS-16D-01-C2-R0?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can the push-pin springs be customized for higher vibration environments?