ATS-16D-06-C2-R0
AI

The **ATS-16D-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **blueICE™** series, designed for cooling high-power semiconductors and integrated circuits.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Off Base)** | 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 20.17 °C/W (at 100 LFM) |
| **Base Thickness** | 1.8mm |
---
### ## Key Electronic & Mechanical Features
#### 1. Push-Pin Attachment
The "R0" designation indicates the use of the **pushPIN™** system. This consists of a brass or plastic pin with a high-performance compression spring.
* **Benefit:** Provides a precise and consistent pressure (load) on the electronic component (CPU/GPU/FPGA), which optimizes thermal interface material (TIM) performance and prevents damage from over-tightening.
#### 2. Straight Fin Design
The heat sink uses a straight fin pattern oriented to allow air to pass through linearly.
* **Use Case:** Ideal for systems with high-velocity airflow or forced-air cooling environments where the direction of airflow is consistent.
#### 3. Material Properties (Aluminum 6063)
It is constructed from 6063 aluminum alloy.
* **Conductivity:** Offers a high thermal conductivity-to-weight ratio.
* **Anodization:** The blue anodized finish is not just aesthetic; it provides surface protection against corrosion and increases emissivity for better radiation cooling.
#### 4. Thermal Interface Material (TIM)
Typically, these units come pre-applied with **ATS-PPS-06** or a similar high-performance phase-change material or thermal grease. This fills the microscopic air gaps between the component and the heat sink base.
---
### ## Application Context
This part is commonly found in:
* **Telecommunications:** Cooling of routers and switches.
* **Industrial PCs:** Thermal management for embedded processors.
* **Power Supplies:** Dissipating heat from MOSFETs or IGBTs.
- ⤷
What is the difference between the C1 and C2 versions of ATS heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative attachment methods available for this 45x45mm footprint?