ATS-16D-115-C2-R0
AI

The **ATS-16D-115-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent overheating.
---
### 1. Technical Specifications
Below are the primary technical attributes of this part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 5.33°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height (Off Base)** | 20mm |
| **Attachment Method** | Push Pin (Spring Loaded) |
| **Fin Style** | XC (Extra Coarse) / Square Pin |
---
### 2. Breakdown of the Part Number
The part number follows the standard ATS nomenclature:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **16D**: Refers to the specific fin pattern and series (XC/Push-Pin).
* **115**: Internal design/size code (40mm x 40mm x 20mm).
* **C2**: Indicates the material/finish (Aluminum with Blue Anodized coating).
* **R0**: Version or revision code.
---
### 3. Key Electronic Functions
The ATS-16D-115-C2-R0 serves several critical roles in an electronic assembly:
* **Heat Dissipation:** It increases the surface area of a hot component (like a CPU, FPGA, or GPU), allowing air to carry away heat more efficiently.
* **Thermal Protection:** By maintaining the junction temperature within safe limits, it extends the lifespan of the semiconductor.
* **Mechanical Stability:** The "Push Pin" mechanism ensures constant pressure between the heat sink and the chip, which is vital for the effectiveness of the Thermal Interface Material (TIM).
---
### 4. Component Diagram / Layout
```mermaid
graph TD
A[Push Pin Attachment] --> B[Spring Loading]
B --> C[Aluminum Base]
C --> D[Heat Source/Chip]
C --> E[Square Fin Array]
E --> F[Airflow Cooling]
```
---
- ⤷
What are the compatible push-pin materials for this heat sink?
- ⤷ How does the 'C2' blue anodized finish affect thermal performance compared to bare aluminum?
- ⤷ What is the recommended thermal interface material for the ATS-16D series?