ATS-16D-12-C2-R0
AI

The **ATS-16D-12-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other PCB components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | blueANODIZED™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 1.58°C/W (at 200 LFM) |
| **Fin Style** | XC-Cut (Straight Fins) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific nomenclature used by ATS:
* **ATS**: Manufacturer prefix.
* **16D**: Refers to the specific series/physical footprint.
* **12**: Represents the height of the heat sink (15mm in this specific case, though codes vary by series).
* **C2**: Indicates the material and finish (Blue Anodized Aluminum).
* **R0**: Indicates the revision or specific packaging/kit version.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no moving parts), it performs several critical roles in an electronic circuit:
1. **Thermal Dissipation**: Conducts heat away from high-power components (like CPUs, FPGAs, or MOSFETs) to prevent thermal throttling or hardware failure.
2. **Increased Surface Area**: The "XC-Cut" design increases the surface area exposed to air, allowing for better convection cooling.
3. **Mechanical Stability**: The push-pin attachment includes a pre-assembled spring that provides consistent pressure on the component, ensuring optimal contact with thermal interface material (TIM).
---
### 4. Implementation Details
To use this part in a design, the following considerations apply:
* **PCB Hole Pattern**: Requires pre-drilled holes in the PCB to accommodate the push-pins.
* **Thermal Interface**: Usually requires a Thermal Pad or Thermal Grease (often pre-applied on "R0" variants) to bridge the air gap between the component and the aluminum base.
* **Airflow**: This model is optimized for "forced air" environments (where a fan is present) rather than natural convection.
---
- ⤷
What is the hole-to-hole spacing required for the push-pin mounting?
- ⤷ Does this model come with pre-applied thermal interface material?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?