Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16D-15-C2-R0

  • AI
    The **ATS-16D-15-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components such as CPUs, GPUs, or high-power transistors. --- ## 1. Technical Specifications The part number encodes specific physical and thermal characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Product Type** | Heat Sink | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 7.44°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm | | **Fin Style** | Straight (Square) | --- ## 2. Key Electronic Features ### Thermal Performance The primary purpose of this part is **heat dissipation**. It manages thermal energy to prevent semiconductor junction temperatures from exceeding safe limits. * **Low Flow Optimization:** The fin design is optimized for environments with low-velocity airflow. * **C2 Classification:** The "C2" suffix typically indicates a specific thermal interface material (TIM) or a specific coating/attachment configuration provided by ATS. ### Mechanical Attachment (pushPIN™) Unlike adhesive-based heat sinks, this model uses a **pushPIN™** system: * It utilizes a brass or plastic pin with a compressed spring. * This ensures a consistent, high-pressure contact between the heat sink and the electronic component, which minimizes thermal resistance. ### Material Science * **Aluminum 6063:** Provides a balance of thermal conductivity and weight. * **Blue Anodized Finish:** Not only provides aesthetic value but also increases corrosion resistance and emissivity for radiant heat transfer. --- ## 3. Applications This part is commonly found in the following electronic sectors: 1. **Telecommunications:** Cooling of high-speed networking switches. 2. **Industrial PC:** Thermal management for embedded processors. 3. **Power Electronics:** Managing heat in DC-DC converters or motor drivers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ Which hole pattern is required on the PCB to mount the pushPIN™ system?
    • ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?