ATS-16D-150-C2-R0
AI

The **ATS-16D-150-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or high-power transistors.
### Technical Specifications
Below are the primary electronic and mechanical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 4.82°C/W (at 100 LFM) |
| **Base Dimensions** | 35mm x 35mm |
| **Height** | 25mm |
| **Fin Style** | Straight Fin |
| **TIM (Interface Material)** | T766 (Pre-applied) |
---
### Core Components and Features
#### 1. Push-Pin Mounting System
Unlike adhesive-based heat sinks, the `-R0` suffix indicates a mechanical **push-pin** attachment.
* **Electronic Safety:** This ensures a constant, uniform pressure on the electronic component, preventing "hot spots."
* **Security:** It is more reliable in high-vibration environments compared to thermal tape.
#### 2. Thermal Interface Material (TIM)
The part comes pre-applied with **T766 thermal grease**.
* **Function:** It fills microscopic air gaps between the heat sink base and the electronic chip.
* **Benefit:** This maximizes heat transfer efficiency immediately upon installation without needing manual application.
#### 3. Fin Design (Straight Fin)
The fins are designed for **longitudinal airflow**. This makes the part ideal for electronics housed in server racks or enclosures where fans provide a steady directional air stream.
#### 4. Material (Aluminum 6063)
* **Conductivity:** Offers high thermal conductivity to pull heat away from the silicon die.
* **Finish:** The "Blue Anodized" coating provides a protective oxide layer that prevents corrosion and improves emissivity.
---
### Application Scenarios
This specific part is typically found in:
* **Networking Equipment:** Routers and switches with high-speed processing chips.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where passive cooling is supplemented by chassis airflow.
- ⤷
What are the compatible hole patterns for the push-pin mounting on this heat sink?
- ⤷ How does the thermal resistance change as the airflow (LFM) increases?
- ⤷ Is there a version of this heat sink available with different height specifications?