ATS-16D-151-C1-R0
AI

The **ATS-16D-151-C1-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16D-151-C1-R0 |
| **Material** | Aluminum |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height (H)** | 20.00 mm |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 3.90°C/W (at 100 LFM) |
---
### 2. Key Design Features
The part is engineered for efficiency in cramped electronic environments (like servers or high-speed networking gear).
* **Fin Pitch & Style:** It features a **Fine Pitch** design with a **Straight Fin** pattern. This is optimized for high-velocity airflow (ducted air) to maximize surface area contact.
* **PushPIN™ Mounting:** Instead of messy adhesives or simple clips, it uses a specialized pin and spring mechanism. This provides:
* **Consistent Pressure:** Ensures the thermal interface material (TIM) is compressed evenly for better heat transfer.
* **Easy Installation:** Pre-drilled holes in the PCB allow for quick snap-in assembly.
* **Material:** Made from high-grade aluminum for a balance of thermal conductivity and low weight.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied thermal pad or grease (C1 designation often refers to the specific TIM type and blue anodized finish).
---
### 3. Thermal Performance (Airflow)
Thermal resistance measures how effectively the part moves heat away from the component. Lower values are better.
| Air Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) | 700 (3.5m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Res (°C/W)** | 3.90 | 2.35 | 1.88 | 1.63 |
---
### 4. Typical Applications
* **CPUs/GPUs:** Cooling microprocessors in embedded systems.
* **ASICs:** Application-specific integrated circuits in telecommunications.
* **Power Modules:** Managing heat in DC-DC converters or power supplies.
---
- ⤷
What is the difference between pushPIN and adhesive mounting for heatsinks?
- ⤷ How do I calculate the required LFM for my specific chip temperature?
- ⤷ Does this heatsink come with the mounting springs included?