ATS-16D-152-C2-R0
AI

The **ATS-16D-152-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Thermal Resistance (Unducted)** | 3.32 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.11 °C/W @ 100 LFM |
---
## 2. Key Features and Components
### A. Material and Design
- **Aluminum 6063:** This alloy provides a high strength-to-weight ratio and excellent thermal conductivity.
- **Blue Anodized Finish:** This treatment increases surface emissivity and provides corrosion resistance.
- **Cross-Cut/Pin Fin Design:** The "152" designation refers to a specific fin pattern that allows for multi-directional airflow, making it versatile for different PCB layouts.
### B. pushPIN™ Attachment System
The "16D" and "C2" parts of the nomenclature refer to the mounting mechanism. It uses a **Push-Pin** system:
- **Spring Loading:** Ensures a precise, consistent pressure (preload) between the heat sink and the electronic component.
- **Ease of Assembly:** Can be installed manually or via automation, reducing the risk of damaging the PCB.
### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that this part typically comes pre-applied with **T766 thermal phase change material** or a high-performance thermal grease. This fills the microscopic air gaps between the component and the heat sink base to maximize heat transfer.
---
## 3. Applications
This specific heat sink is commonly used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PC/Embedded Systems:** Compact boards where vertical space (25mm) is available.
3. **Power Electronics:** Voltage regulators and motor drivers.
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I choose the correct push-pin size for my PCB thickness?
- ⤷ What is the weight of the ATS-16D-152-C2-R0?