ATS-16D-157-C2-R0
AI

The **ATS-16D-157-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Dimensions** | 40mm x 40mm |
| **Height (Off Base)** | 25mm |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 3.35°C/W (at 100 LFM) |
| **Fin Style** | XC-Cut (Cross-cut) |
---
### 2. Key Features and Components
#### A. Attachment Mechanism (Push-Pin)
This part utilizes a **push-pin and brass spring** assembly.
* **Purpose:** It ensures a constant, high-pressure contact between the heat sink base and the electronic component.
* **Installation:** Requires pre-drilled holes in the Printed Circuit Board (PCB).
#### B. Thermal Interface Material (TIM)
The "R0" suffix usually indicates the inclusion of a pre-applied thermal material.
* **Phase Change Material:** It often comes with **T412** thermal tape or grease, ensuring efficient heat transfer from the chip to the aluminum fins.
#### C. Fin Design (XC-Cut)
The fins are arranged in a "cross-cut" pattern.
* **Function:** This design increases surface area and allows for multi-directional airflow. Unlike straight-fin designs, XC-cut sinks perform well regardless of which direction the cooling fan is blowing.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Supplies:** Cooling voltage regulators and high-speed MOSFETs.
---
### 4. Thermal Performance Overview
Thermal resistance determines how many degrees the component's temperature will rise for every watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.35 |
| 300 (1.5 m/s) | 1.76 |
| 500 (2.5 m/s) | 1.43 |
- ⤷
What are the PCB hole diameter requirements for this push-pin model?
- ⤷ How does the 'Blue Anodized' finish affect thermal radiation?
- ⤷ Can this heat sink be used with a custom fan shroud?