ATS-16D-16-C2-R0
AI

The **ATS-16D-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "blue ice" series and is designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16D-16-C2-R0 |
| **Heat Sink Type** | Push-Pin (Push-Pin attachment) |
| **Fin Type** | Flat Fin (Straight) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 18.08°C/W (Natural Convection) |
---
### 2. Physical Dimensions
Precision in dimensions is critical for PCB layout planning:
* **Length:** 54.00 mm
* **Width:** 54.00 mm
* **Height:** 10.00 mm (Low profile design)
* **Pitch (Hole spacing):** 47.00 mm
---
### 3. Key Electronic Design Features
* **Attachment Mechanism:** It uses a **Push-Pin** system with a compression spring. This ensures even pressure across the electronic component, improving thermal interface contact and preventing mechanical stress on the PCB.
* **Material Properties:** Made of high-grade aluminum. The **Blue Anodized** finish is not just aesthetic; it increases emissivity and provides a layer of electrical insulation and corrosion resistance.
* **High Performance:** Part of the *maxiFLOW™* line, it features a graduated fin design that increases surface area for maximum heat dissipation while maintaining low pressure drop.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-efficiency phase-change thermal pad.
---
### 4. Application Use Cases
This part is commonly found in:
1. **Telecommunications:** Cooling of high-speed ASICs.
2. **Embedded Systems:** Industrial PCs where vertical space is limited (10mm height).
3. **Power Supplies:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
- ⤷
What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How does the thermal resistance change under forced air flow (LFM)?
- ⤷ Is the T766 thermal interface material electrically conductive?