ATS-16D-170-C2-R0
AI

The part number **ATS-16D-170-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" thermal management line, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 5.44°C/W (at 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height** | 15.00 mm |
| **Fin Type** | Fine-Pitch (Straight Fins) |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Component Breakdown
The part number follows a specific nomenclature used by ATS to identify the cooling capability and mounting hardware:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16D**: Refers to the specific series and mounting hole pattern.
* **170**: Designates the internal design profile and fin configuration.
* **C2**: Indicates the material/finish (Aluminum with Blue Anodized coating).
* **R0**: Refers to the revision and packaging (Standard RoHS compliant).
---
### 3. Key Electronic Functions
While a heatsink is a mechanical part, its role in an electronic circuit is critical for **Thermal Management**:
1. **Heat Dissipation:** It increases the surface area of a semiconductor package, allowing heat to transfer more efficiently into the surrounding air via convection.
2. **Thermal Interface Material (TIM):** This part comes with **T766** pre-applied. This is a specialized material that fills microscopic air gaps between the chip and the heatsink to maximize heat transfer.
3. **Mechanical Stability:** The **pushPIN™** system uses a brass pin and a stainless steel spring. This ensures constant pressure (clamping force) on the electronic component, which prevents the heatsink from shifting during vibration or thermal expansion.
---
### 4. Typical Applications
* **Embedded Systems:** Cooling small form-factor processors.
* **Telecommunications:** Managing heat in routers and switches.
* **Power Supplies:** Cooling voltage regulators and power MOSFETs.
- ⤷
What are the different types of pushPIN attachment options available for this series?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to a plain finish?
- ⤷ What is the recommended airflow (LFM) for optimal cooling with this specific heatsink?