ATS-16D-172-C2-R0
AI

The **ATS-16D-172-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height (Fin Height)** | 25.00mm |
| **Fin Style** | XC (Cross-Cut) / Straight Fin |
| **Thermal Resistance** | 5.76°C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16**: Series or specific family identifier.
* **D**: Material/Revision code.
* **172**: Dimensional code (30x30x25mm).
* **C2**: Thermal Interface Material (TIM) and Performance. "C2" typically denotes a **T766** high-performance phase-change material or specific thermal grease.
* **R0**: RoHS compliance status.
---
### 3. Key Electronic Cooling Features
#### Push-Pin Mounting
This part uses a push-pin mounting system. In electronic PCB design, this means the board must have pre-drilled holes. The spring-loaded pins provide:
* **Constant Pressure:** Ensures the heat sink stays in contact with the component.
* **Vibration Resistance:** Secure enough for mobile or industrial applications.
#### Cross-Cut (XC) Fin Design
The "XC" design features fins that are cut both horizontally and vertically. This is superior to standard straight fins because:
1. It increases surface area for heat dissipation.
2. It allows for **omnidirectional airflow**, meaning it works efficiently regardless of which direction the cooling fan is blowing.
#### Thermal Interface Material (TIM)
The "C2" designation implies that the heat sink comes with a **pre-applied TIM**. This reduces assembly time in manufacturing and ensures there are no air gaps between the electronic chip and the aluminum base.
---
### 4. Applications
This specific size and thermal resistance are commonly found in:
* **Telecommunications:** Cooling high-speed networking chips.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
- ⤷
What is the significance of the 5.76°C/W thermal resistance rating in practical circuit design?
- ⤷ Are there specific PCB hole diameter requirements for the push-pin mounting on this model?
- ⤷ How does the Blue Anodized finish affect the electronic performance or durability?