ATS-16D-175-C2-R0
AI

The **ATS-16D-175-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
This part belongs to the **pushPIN™** series, designed for secure and efficient attachment to Integrated Circuits (ICs) and other electronic components.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-16D-175-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.35°C/W (at 100 LFM) |
---
### 2. Physical Dimensions
Precision in dimensions is critical for ensuring the heat sink fits within the allocated PCB real estate.
* **Length:** 35.00 mm
* **Width:** 35.00 mm
* **Height:** 10.00 mm (Low profile)
* **Pitch (Fin Spacing):** Fine Pitch
* **Pattern:** Cross-cut (Multiple square fins for omnidirectional airflow)
---
### 3. Thermal Performance
The efficiency of a heat sink is measured by its ability to dissipate heat based on the velocity of airflow (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 13.52 |
| 200 (1.0 m/s) | 4.90 |
| 300 (1.5 m/s) | 3.51 |
| 400 (2.0 m/s) | 2.85 |
| 500 (2.5 m/s) | 2.48 |
---
### 4. Mounting and Interface
The "R0" suffix indicates specific material and compliance standards:
* **Attachment:** Uses a brass pushpin with a stainless steel spring to provide consistent pressure.
* **Thermal Interface Material (TIM):** Pre-applied **T766** (a high-performance thermal grease) to ensure maximum heat transfer between the chip and the aluminum.
* **Compliance:** RoHS and REACH compliant (Lead-free).
### 5. Application Use-Case
This specific model is ideal for:
* **Low-profile enclosures:** Where vertical space is limited (only 10mm high).
* **High-density PCBs:** The 35x35mm footprint fits common BGA (Ball Grid Array) packages.
* **Active cooling environments:** Best used in systems with internal fans.
---
- ⤷
What are the benefits of the blue anodized finish on this heat sink?
- ⤷ How does the 'Fine Pitch' fin design compare to 'Coarse Pitch' for airflow?
- ⤷ What is the specific thermal conductivity of the T766 interface material?