ATS-16D-189-C2-R0
AI

The **ATS-16D-189-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and electronic properties.
---
### 1. General Specifications
This part is manufactured by **Advanced Thermal Solutions Inc.** and belongs to the **blueICE™** or **pushPIN™** series.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-16D-189-C2-R0 |
| **Category** | Thermal Management - Heatsinks |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 2.43°C/W (at 100 LFM) |
---
### 2. Physical Dimensions
Precision measurements are critical for ensuring the heatsink fits on a Printed Circuit Board (PCB) without interfering with adjacent components.
* **Length (A):** 45.00 mm
* **Width (B):** 45.00 mm
* **Height (C):** 20.00 mm
* **Pitch (E/F):** 50.00 mm (Distance between mounting holes)
---
### 3. Thermal Performance Data
The effectiveness of a heatsink is measured by its ability to dissipate heat based on airflow (measured in Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 2.43 °C/W |
| **200 LFM (1.0 m/s)** | 1.44 °C/W |
| **300 LFM (1.5 m/s)** | 1.15 °C/W |
| **400 LFM (2.0 m/s)** | 1.00 °C/W |
---
### 4. Electronic & Mechanical Features
* **Attachment Mechanism:** It uses a **pushPIN™** system which ensures a secure fit and constant pressure on the processor/chip. This maximizes the efficiency of the Thermal Interface Material (TIM).
* **Material Composition:** The **Aluminum** construction provides a balance between lightweight design and high thermal conductivity. The **Blue Anodized** coating prevents oxidation and improves emissivity.
* **Fin Design:** It typically features a **Cross-Cut** or **Straight Fin** pattern designed to allow airflow from multiple directions, making it versatile for different fan layouts.
* **RoHS Compliant:** The "R0" suffix indicates that the part is compliant with environmental regulations regarding hazardous substances.
---
### 5. Application Example
This heatsink is commonly used for:
1. **CPUs/GPUs** in embedded systems.
2. **FPGAs** (Field Programmable Gate Arrays) that generate significant heat during high-speed processing.
3. **Power Supplies** where high-voltage regulators require surface cooling.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ What type of Thermal Interface Material (TIM) is pre-applied to this heatsink?
- ⤷ Can this heatsink be used with plastic push-pins or only metal ones?