ATS-16D-191-C2-R0
AI

The **ATS-16D-191-C2-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic surface-mount devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.90°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Physical Design and Construction
#### **The Heat Sink Body**
* **Material:** Made from AL6063 aluminum, which offers a balance of high thermal conductivity and structural integrity.
* **Fin Style:** It features a **Straight Fin** design. This is optimized for "forced air" cooling (where a fan is present). Straight fins provide low resistance to airflow, allowing heat to be carried away efficiently.
* **Surface Treatment:** The **Blue Anodized** finish is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, slightly improving radiant heat transfer.
#### **The Attachment Mechanism (pushPIN™)**
The "R0" suffix indicates the use of the ATS pushPIN™ system, which includes:
* **Brass Components:** A brass pin that goes through pre-drilled holes in the PCB.
* **Stainless Steel Spring:** Provides consistent "Point of Contact" pressure between the heat sink and the chip, ensuring maximum thermal transfer.
* **Plastic Attachment:** Often includes a polyimide or plastic grommet to prevent damage to the motherboard.
---
### 3. Thermal Performance Profile
The effectiveness of this part depends on the velocity of the air moving through it (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 2.90 |
| 300 | 1.5 | 1.48 |
| 500 | 2.5 | 1.18 |
| 700 | 3.5 | 1.02 |
---
### 4. Typical Applications
This specific size (45mm) and height (30mm) is commonly used for:
1. **Processors:** High-speed CPUs or GPUs in embedded systems.
2. **FPGA/ASIC:** Large-scale programmable logic devices that generate significant heat.
3. **Power Supplies:** Large transistors or MOSFET arrays in industrial power converters.
- ⤷
How do I calculate if the 2.90°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole requirements for the pushPIN™ attachment system?
- ⤷ Can this heat sink be used with a thermal pad or is thermal grease required?