ATS-16D-199-C2-R0
AI

The **ATS-16D-199-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 1.58°C/W @ 100 LFM (Standard) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 6.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Model Number
The nomenclature for ATS heat sinks provides details on the specific hardware used:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16D**: Refers to the series and package size.
* **199**: The specific design profile/geometry for this part.
* **C2**: Indicates the material/finish (Aluminum, Blue Anodized).
* **R0**: Revision code.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical for the following reasons:
#### A. Thermal Management
Electronic components generate heat due to electrical resistance. The ATS-16D-199-C2-R0 increases the surface area of the component, allowing air to carry away heat. A resistance of **1.58°C/W** means that for every watt of power the chip consumes, the temperature will rise by 1.58 degrees Celsius above the ambient air temperature (at specific airflow).
#### B. Push-Pin Mounting System
This model uses a **Brass Push-Pin** with a compressed spring.
* **Uniform Pressure:** It ensures the heat sink is pressed firmly against the semiconductor die.
* **Reliability:** Unlike adhesive tapes, push-pins provide a secure mechanical connection that withstands vibration and thermal expansion/contraction cycles.
#### C. Pre-applied TIM (T766)
The part comes with **T766 Thermal Interface Material**. This is a phase-change or grease-like substance that fills microscopic air gaps between the heat sink and the electronic chip, significantly improving heat transfer efficiency.
---
### 4. Ideal Applications
* **Embedded Systems:** Industrial PCs where vertical space is limited (low profile 6mm height).
* **Telecommunications:** Cooling of networking chips.
* **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
- ⤷
What are the specific hole patterns required for the push-pin mounting of this heat sink?
- ⤷ How does the 6mm height impact the airflow requirements compared to taller heat sinks?
- ⤷ Can the T766 thermal interface material be replaced with a different compound for higher performance?