ATS-16D-20-C2-R0
AI

The **ATS-16D-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) chips.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High thermal conductivity) |
| **Finish** | Blue Anodized (Enhanced emissivity) |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height** | 25.00mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.14°C/W (at 100 LFM) to 1.55°C/W (at 700 LFM) |
| **Thermal Interface Material** | T766 (High-performance grease) |
---
## 2. Key Electronic Features
### A. pushPIN™ Mounting System
Unlike adhesive-based heat sinks, this model uses a **pushPIN™** attachment mechanism. This is critical for electronics because:
* **Reliability:** It provides a consistent downward force (pressure) on the chip, ensuring a stable thermal connection.
* **Reusability:** It can be removed and reattached during hardware debugging or maintenance.
* **Vibration Resistance:** The spring-loaded pins prevent the heat sink from shifting during mechanical shock or vibration.
### B. Fin Geometry (Cross-Cut)
The "D" in the part number indicates a specific fin design. These heat sinks typically feature a **high-aspect-ratio fin design** or cross-cut patterns that allow for:
* Multi-directional airflow (improving performance in dense PCB layouts).
* Maximum surface area for heat exchange without significantly increasing the footprint.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766 thermal grease**. In electronics, the TIM is vital because it fills microscopic air gaps between the semiconductor die and the aluminum heat sink, drastically reducing thermal impedance.
---
## 3. Typical Applications
This component is used to cool integrated circuits (ICs) that generate significant heat, such as:
* **FPGA & ASICs:** Used in telecommunications and data centers.
* **Processors:** Embedded CPUs or high-end microcontrollers.
* **Video Processing Units:** Chips used in high-definition imaging systems.
---
## 4. Performance Data (Airflow vs. Thermal Resistance)
Thermal performance in electronics is measured by how much the temperature rises per Watt of power.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.14 |
| 300 (1.5 m/s) | 2.62 |
| 500 (2.5 m/s) | 1.86 |
| 700 (3.5 m/s) | 1.55 |
- ⤷
How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ Can this heat sink be used for passive cooling without a fan?