Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16D-202-C2-R0

  • AI
    The **ATS-16D-202-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is designed for cooling high-power electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-16D-202-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 14.83°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 6.00mm | | **Fin Pattern** | XC-Cut (Cross-Cut) | --- ### 2. Key Component Features #### A. XC-Cut Fin Design The "XC" designation refers to a **Cross-Cut** fin pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This is critical in cramped electronic enclosures where the direction of the cooling fan's exhaust might not be perfectly aligned with the heat sink. #### B. pushPIN™ Attachment The "R0" suffix indicates the use of the ATS pushPIN™ mounting system. - **Internal Spring:** Ensures consistent pressure (clamping force) across the interface for optimal heat transfer. - **Hardware:** Usually includes brass or plastic pins that snap into pre-drilled holes on the Printed Circuit Board (PCB). #### C. Thermal Interface Material (TIM) This specific model usually comes pre-applied with **T766** thermal phase-change material or a similar high-performance thermal pad, ensuring that there are no air gaps between the heat-generating component and the aluminum base. --- ### 3. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Manufacturer) | | **16** | Series Type | | **D** | Material/Attachment variable | | **202** | Dimensions/Fin Configuration Code | | **C2** | Blue Anodized Finish | | **R0** | Revision/Packaging/Attachment version | --- ### 4. Application Use-Cases * **Networking Equipment:** Routers and switches where vertical space is limited (low profile 6mm height). * **Embedded Systems:** Industrial PCs where vibration resistance (via pushPIN™) is necessary. * **Power Supplies:** Cooling MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between XC-Cut and Straight Fin heat sinks?
    • ⤷ How do I calculate the required LFM for this heat sink?
    • ⤷ Are there alternative mounting options if my PCB lacks pushPIN holes?