ATS-16D-26-C2-R0
AI

The **ATS-16D-26-C2-R0** is a specific part number for a **High-Performance Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to their "Blue Anodized" family of thermal management components.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. | Thermal management specialist |
| **Material** | Aluminum | High thermal conductivity |
| **Finish** | Blue Anodized | Corrosion resistance and aesthetic |
| **Attachment Method** | pushPIN™ | Spring-loaded mounting for secure pressure |
| **Thermal Resistance** | 14.20° C/W (@ 100 LFM) | Rate at which heat dissipates |
| **Dimensions** | 70mm x 70mm x 10mm | Large surface area, low profile |
---
## 2. Component Breakdown
### A. The Heat Sink Body
The core component is an aluminum plate with a high-density fin pattern. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The **C2** in the part number indicates the finish (Blue Anodized), which increases the surface emissivity, slightly improving radiative heat transfer.
### B. Mounting System (pushPIN™)
Unlike simple adhesive heat sinks, this part uses the **pushPIN™** system:
* **Springs:** Pre-assembled with a specific compression force to ensure consistent contact between the sink and the component (CPU, GPU, or FPGA).
* **Plastic/Brass Push Pins:** These snap into pre-drilled holes on the PCB (Printed Circuit Board).
### C. Thermal Interface Material (TIM)
The **R0** suffix typically denotes the inclusion of a pre-applied thermal interface material (like a phase-change material or high-performance pad) on the base of the heat sink. This eliminates the need for manual application of thermal paste and ensures air gaps are minimized.
---
## 3. Application & Use Cases
This specific model is designed for high-power electronics that generate significant heat but have limited vertical clearance.
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Embedded Systems:** For industrial computers requiring passive or active airflow cooling.
---
## 4. Part Number Decoder
| Segment | Meaning |
| :--- | :--- |
| **ATS-16** | Series ID (Advanced Thermal Solutions Series 16) |
| **D** | Material/Attachment type |
| **26** | Specific geometry/fin configuration |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Package/TIM variation |
- ⤷
What is the exact hole pattern required on a PCB for the pushPIN mounting system?
- ⤷ How does the thermal resistance of this part change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a version of this heat sink with a higher profile for better passive cooling?