ATS-16D-28-C2-R0
AI

The **ATS-16D-28-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance (Flow)** | 10.57°C/W @ 100 LFM |
| **Thermal Resistance (Unducted)** | 1.88°C/W @ 500 LFM |
---
### 2. Key Design Components
#### A. Fin Pattern (Cross-Cut)
The ATS-16D-28-C2-R0 utilizes a **cross-cut fin design**. Unlike straight fins, cross-cutting creates a grid of small pins or square blocks. This increases the surface area and promotes turbulence in the airflow, which significantly improves heat dissipation efficiency in restricted spaces.
#### B. Attachment Mechanism (pushPIN™)
The part features a specialized mounting system:
* **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide consistent pressure (Force) between the heat sink and the component, ensuring an airtight thermal interface.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that the heat sink comes pre-applied with a **Phase Change Material (PCM)** or high-performance thermal grease. This eliminates the need for manual application and ensures low thermal resistance between the chip and the aluminum base.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS-16D** | Series and ID |
| **28** | Specific Fin/Pattern Configuration |
| **C2** | Thermal Interface Material (T766 or similar high-performance grease) |
| **R0** | RoHS-6 Compliant / Revision code |
### 4. Application Use Cases
This heat sink is commonly used in:
* **Networking Gear:** Cooling ASICs in routers and switches.
* **Power Supplies:** Managing heat for MOSFETs or power regulators.
* **Embedded Systems:** Industrial PCs where vertical clearance is limited (15mm height).
---
- ⤷
What are the PCB hole diameter requirements for the push-pin mounting?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is this heat sink compatible with standard 40mm cooling fans?