AI

The **ATS-16D-35-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
---
## 1. Technical Specifications
This part belongs to the **pushPIN™** series, designed for easy mounting and high thermal efficiency on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16D-35-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight (Fine Pitch) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Thermal Resistance** | 22.58°C/W (Unducted Flow @ 100 LFM) |
---
## 2. Key Electronic Components & Features
### A. Material & Thermal Conductivity
The heat sink is made from **AL6063 aluminum**, which offers an excellent balance between thermal conductivity, weight, and corrosion resistance. The **Blue Anodized** finish is not just aesthetic; it increases surface emissivity, improving heat radiation and protecting the metal from oxidation.
### B. The pushPIN™ Attachment System
This component uses a specialized mounting system rather than simple adhesive:
* **Brass Push Pins:** Provides secure attachment to the PCB holes.
* **Compression Springs:** These ensure a precise and consistent **Pressure** (Pre-assembled) against the electronic component (CPU, FPGA, or MOSFET), which is critical for maximizing heat transfer through the Thermal Interface Material (TIM).
### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the part comes with **T412** thermal tape or grease pre-applied to the base. This fills microscopic air gaps between the electronic chip and the heat sink base to lower thermal resistance.
---
## 3. Performance Data (Airflow)
Thermal performance varies based on the Linear Feet per Minute (LFM) of airflow within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.58 |
| 300 (1.5 m/s) | 13.04 |
| 500 (2.5 m/s) | 9.10 |
| 700 (3.5 m/s) | 7.16 |
---
## 4. Typical Applications
This specific size (35mm) and low profile (10mm) are commonly used for:
1. **Network Switches/Routers:** Cooling small processors.
2. **Power Supplies:** Heat dissipation for voltage regulators.
3. **Embedded Systems:** Industrial PCs where vertical space is limited.
- ⤷
How does the 'Fine Pitch' fin design compare to 'Coarse Pitch' in terms of airflow?
- ⤷ What are the specific hole diameter requirements for the pushPIN mounting system?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T412?