ATS-16D-40-C3-R0
AI

The **ATS-16D-40-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation in compact electronic systems.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 14.74 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 15.00 mm |
| **Pitch** | Fine Pitch |
---
### 2. Design and Components
The "electronic parts" of this assembly include the physical structure and the mounting hardware:
* **Heat Sink Body:** A square aluminum block with a "Fine-Pitch" fin pattern. This maximize surface area for heat exchange with the surrounding air.
* **pushPIN™ Fasteners:** These are plastic or metal pins used to secure the heat sink to the PCB. They allow for quick installation and consistent pressure.
* **Compression Springs:** Built into the pushPINs, these provide the required downward force (clamping pressure) to ensure a solid interface between the sink and the heat source.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied high-performance thermal pad or grease on the base to fill microscopic air gaps.
---
### 3. Applications
This part is commonly used to cool the following electronic components:
1. **CPUs and Microprocessors:** Found in embedded systems.
2. **FPGAs (Field Programmable Gate Arrays):** Which generate significant heat during high-speed logic operations.
3. **ASICs:** Application-specific integrated circuits in networking hardware.
4. **GPU/Video Controllers:** In industrial imaging or display systems.
---
### 4. Thermal Performance Overview
Performance is measured by how effectively the device lowers the temperature of the silicon die per watt of power consumed.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 14.74 | 5.42 | 3.12 | 2.27 | 1.85 |
*Note: As airflow increases (measured in Linear Feet per Minute), the efficiency of the heat sink improves drastically.*
---
- ⤷What is the difference between Fine Pitch and Coarse Pitch in heat sinks?
- ⤷ What are the advantages of pushPIN mounting over adhesive tapes?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?