ATS-16D-41-C3-R0
AI

The part number **ATS-16D-41-C3-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically part of the "pushPIN™" thermal management series designed for cooling electronic components like CPUs, GPUs, and high-power ICs.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (with compression springs) |
| **Fin Style** | Straight (Square-cut) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 10.07 °C/W (Unducted @ 1.0 m/s) |
| **Compatibility** | 45mm x 45mm PCB hole patterns |
---
### 2. Design and Component Breakdown
#### A. The Heatsink Body
The main body is constructed from **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The "Straight" fin design is optimized for high-performance airflow systems, allowing air to pass through the fins and carry away heat via convection.
#### B. The pushPIN™ Mechanism
Unlike adhesive-based cooling, this part uses a mechanical attachment system:
* **Push-Pins:** Plastic or brass pins that lock into the PCB holes.
* **Springs:** Stainless steel compression springs that provide consistent downward pressure on the electronic chip, ensuring a tight seal with the thermal interface material.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates the type of thermal interface. This model usually comes with **T766 Phase Change Material**, which melts during operation to fill microscopic air gaps between the chip and the heatsink, significantly reducing thermal resistance.
---
### 3. Part Number Decoder
Understanding the nomenclature helps identify the exact electronic application:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16D**: Internal series designation.
* **41**: Length/Width (approximate base size).
* **C3**: Thermal Interface Material (TIM) code.
* **R0**: RoHS compliance and revision status.
---
### 4. Key Applications
* **Embedded Systems:** Cooling industrial microprocessors.
* **Networking Hardware:** Heat dissipation for switches and routers.
* **Power Electronics:** Managing heat for MOSFETs or high-speed voltage regulators.
- ⤷
What are the airflow requirements for optimal cooling with this heatsink?
- ⤷ Does this model support different push-pin materials like brass vs plastic?
- ⤷ What is the specific thermal conductivity of the AL6063 material used?