ATS-16D-47-C2-R0
AI

The **ATS-16D-47-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
---
### 1. Technical Specifications
The part belongs to the **pushPIN™** line, designed for easy installation and high thermal efficiency.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 2.23°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.95°C/W |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height (Fin Depth)** | 30mm |
| **Fin Pattern** | Straight |
---
### 2. Physical Design & Construction
* **The Base:** A flat 25mm x 25mm aluminum surface that makes direct contact with the electronic component (CPU, GPU, or MOSFET).
* **The Fins:** It features a high-fin-density straight-fin design. The 30mm height allows for significant surface area, which is critical for dissipating heat into the surrounding air.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal phase-change material that ensures minimal air gaps between the heat source and the sink.
---
### 3. Mounting System: pushPIN™
Unlike adhesive-based heat sinks, the "R0" series uses a mechanical attachment system consisting of:
1. **Brass Push Pins:** These snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These provide a calculated "Pre-load" force, ensuring constant pressure between the heat sink and the chip even during mechanical vibration or thermal expansion.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps identify its specific properties:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **16** | Series Identification |
| **D** | Attachment Type (pushPIN™) |
| **47** | Specific internal design/dimension code |
| **C2** | Material/Thermal Performance Level |
| **R0** | Revision/Packaging code |
- ⤷
What are the PCB hole requirements for mounting this heat sink?
- ⤷ How does the 'C2' thermal rating compare to other ATS series?
- ⤷ Can this heat sink be used for active cooling with an attached fan?