ATS-16D-56-C2-R0
AI

The **ATS-16D-56-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal properties. Here is a breakdown of its core specifications:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Dimensions** | 37.00 x 37.00 x 12.70 mm |
| **Fin Style** | XC-Cut (Cross-cut) |
| **Thermal Resistance** | 17.72 °C/W (at 1.0 m/s airflow) |
| **Weight** | ~45 grams |
---
## 2. Key Electronic Features
### A. maxiFLOW™ Design
The heat sink utilizes a spread-fin geometry. Unlike standard straight-fin heat sinks, the fins on the ATS-16D-56-C2-R0 are angled outward. This design maximizes the surface area for heat dissipation while minimizing pressure drop, which is critical for densely packed electronic enclosures.
### B. pushPIN™ Attachment
This model uses the proprietary **pushPIN™** system. For electronic engineers, this means:
* **Uniform Pressure:** The spring-loaded mechanism ensures consistent contact between the heat sink and the chip (e.g., FPGA, CPU, or GPU).
* **Installation:** It requires pre-drilled holes in the PCB. It is faster and more reliable than adhesive-based thermal interface materials.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412 thermal tape** or a similar high-performance phase-change material. This ensures that the microscopic air gaps between the component and the heat sink are filled, reducing thermal resistance.
---
## 3. Comparison of Airflow Performance
Thermal resistance varies based on the velocity of the air moving through the system (measured in LFM - Linear Feet per Minute):
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (Low flow) | 17.72 |
| 2.0 (Medium flow) | 8.32 |
| 3.0 (High flow) | 5.69 |
---
## 4. Typical Applications
* **Network Equipment:** High-speed routers and switches.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
* **Telecom:** Base station electronics requiring long-term reliability.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment used in this model?
- ⤷ How does the XC-Cut fin design compare to straight fin designs in terms of airflow?
- ⤷ Can the thermal interface material be customized for high-temperature applications?