ATS-16D-70-C2-R0
AI

The **ATS-16D-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "push-pin" series designed for securing the cooling element directly to a Printed Circuit Board (PCB).
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 8.69° C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm |
| **Fin Style** | Straight Fin |
---
## Key Components and Features
### 1. The Heat Sink Body
The body is constructed from **Aluminum**, which is chosen for its excellent thermal conductivity and lightweight properties. The **Blue Anodized finish** is not just for aesthetics; it provides surface protection against corrosion and slightly improves heat radiation through increased emissivity.
### 2. Fin Design (Straight Fin)
The "70" series design utilizes a straight fin pattern. This is optimized for **forced air cooling** (environments with fans). The spacing between the fins allows air to flow through the channel, stripping heat away from the aluminum surface.
### 3. Attachment Mechanism (Push-Pin)
This specific model uses a **Push-Pin and Spring** assembly:
* **Precision Springs:** Ensure the heat sink maintains constant pressure on the electronic component (CPU, GPU, or ASIC).
* **Plastic Push-Pins:** These snap into pre-drilled holes on the PCB, providing a secure mechanical fit without the need for adhesive tapes.
### 4. Thermal Interface Material (TIM)
The "R0" designation usually indicates that the unit comes with **pre-applied Thermal Interface Material**. This is a phase-change material or thermal grease located at the base of the heat sink to fill microscopic air gaps between the component and the sink, maximizing heat transfer.
---
## Common Applications
* **Integrated Circuits (ICs):** Cooling microprocessors or chipsets.
* **Telecommunications:** Networking hardware that operates under high load.
* **Power Electronics:** Cooling MOSFETs or power regulators in industrial settings.
---
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 8.69° C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?