ATS-16D-76-C2-R0
AI

The **ATS-16D-76-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, specifically designed for cooling integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Heat Sink Type** | Push-Pin / Fine Pitch |
| **Material** | Aluminum |
| **Dimensions** | 25mm x 25mm x 15mm |
| **Thermal Resistance** | 2.73°C/W (@ 100 LFM) |
| **Attachment Method** | Plastic Push-Pin (Spring Loaded) |
| **Fin Style** | Straight (High-density) |
| **Finish** | Blue Anodized |
---
### 2. Component Features
* **Push-Pin Mounting:** This part utilizes a standardized push-pin mechanism. This allows for secure attachment to the PCB without the need for adhesive tapes, ensuring better thermal contact and mechanical stability.
* **High-Density Fin Design:** The "76" in the part number indicates a specific fin pattern designed to maximize surface area within a small 25mm footprint, ideal for space-constrained electronics.
* **Material Efficiency:** Made from extruded aluminum (6063), it offers a balance of lightweight construction and high thermal conductivity.
* **Thermal Interface Material (TIM):** Typically, "C2" suffix variants come with a pre-applied thermal interface material (like T766) to ensure low contact resistance between the heat source and the sink.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its role in a circuit:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (The Brand) |
| **16D** | Series / Frame size identifier |
| **76** | Specific Fin and Performance configuration |
| **C2** | Thermal Interface Material (TIM) type / Coating |
| **R0** | RoHS Compliant / Revision status |
---
### 4. Applications
The ATS-16D-76-C2-R0 is commonly found in:
1. **Telecommunications:** Cooling small chips on network switches or routers.
2. **Embedded Systems:** Thermal management for ARM-based processors.
3. **Industrial Controls:** Protecting sensors or controllers from overheating in enclosed environments.
- ⤷
What is the maximum thermal resistance of this part at high airflow rates?
- ⤷ Which PCB hole sizes are compatible with the push-pin mounting for this model?
- ⤷ How does the 'blue anodized' finish affect the heat dissipation performance?